PART |
Description |
Maker |
TSIC-506 |
High Resolution, High Precision, Rapid Response Temperature Sensor IC
|
Zentrum Mikroelektronik Dresden AG
|
PHT |
High Precision Wraparound - High Temperature (230 掳C) Thin Film Chip Resistors
|
Vishay Siliconix
|
VRE127MA VRE125 VRE125C VRE125CA VRE125M VRE125MA |
Precision High Temperature Reference Supplies
|
List of Unclassifed Manufacturers ETC[ETC]
|
NCT47-D |
High Precision Temperature- to-Voltage Converter
|
ON Semiconductor
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
NT5032BA-18 |
High Precision Temperature Compensated Crystal Oscillator
|
NIHON DEMPA KOGYO
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
OP249GPZ OP249GSZ-REEL7 5962-9151901M2A |
Dual, Precision JFET High Speed Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDIP8 Dual, Precision JFET High Speed Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDSO8 Dual, Precision JFET High Speed Operational Amplifier; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Military DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CQCC20
|
Analog Devices, Inc.
|
TX7-705-SQ-HP |
High precision analogue temperature compensated SMD TCXO
|
QUARTZCOM the communica...
|
BYZ50K47 BYZ50A22 BYZ50A27 BYZ50A33 BYZ50A39 BYZ50 |
Precision 1 A regulators Silicon Protectifiers with TVS characteristics High-temperature diodes
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
OP467ARC/883C OP467AY/883C |
Quad Precision, High Speed Operational Amplifier; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Industrial QUAD OP-AMP, 1000 uV OFFSET-MAX, 22 MHz BAND WIDTH, CQCC20 Quad Precision, High Speed Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1000 uV OFFSET-MAX, 22 MHz BAND WIDTH, CDIP14
|
Analog Devices, Inc.
|